PART |
Description |
Maker |
MAX100 |
250Msps, 8-Bit ADC with Track/Hold(250Msps,单通道,并8位模数转换器)
|
Maxim Integrated Products, Inc.
|
LTC2242UP-10 LTC2242CUP-10-PBF LTC2242CUP-10-TR LT |
10-Bit, 250Msps ADC
|
Linear Technology
|
ISLA224P20IRZ ISLA224P25 ISLA222P13 ISLA222P20 ISL |
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Intersil Corporation
|
2510A-032 2510A-031 2510A-030 2516A-030 2516A-032 |
50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages FIBER OPTIC RECEIVER 250Msps, 8-Bit ADC with Track/Hold Low-Power, 90Msps, 6-Bit ADC 10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 光纤接收 8-/4-Channel, ±12V Multirange Inputs, Serial 14-Bit ADCs 光纤接收
|
Coilcraft, Inc.
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
LTC1609 LTC1609ACSW LTC1609AISW LTC1609CG LTC1609C |
Round, Jacket Mass-Terminated Cable, 3659/40 28 AWG, .050 (1.27) 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 200ksps, Serial ADC with Multiple Input Ranges 16-Bit, 200ksps, ADC, Serial Interface 16-Bit, 200ksps, Serial Sampling ADC
|
Linear Technology, Corp.
|
MAX195ACDE MAX195BEPE MAX195BEWE MAX195BCPE MAX195 |
16-Bit, 85ksps ADC with 10uA Shutdown 16-Bit, 85ksps ADC with 10µA Shutdown 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 16-Bit, 85ksps ADC with 10レA Shutdown
|
Maxim Integrated Products, Inc.
|
AT84XAS003TP AT84AS003 AT84AS003CTP AT84AS003VTP A |
10-bit 1.5 Gsps ADC with 1:4 Demultiplexed output. The AT84AS003 is the first ADC on the market breaking the 8.0 ENOB barrier at ... 10-bit 1.5 Gsps ADC With 1:4 DMUX
|
ATMEL Corporation Atmel Corp.
|
LTC2150-12-15 |
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
|
Linear Technology
|
|